PART |
Description |
Maker |
P0502NL P0527NL P0429NL P0422NL P0420NL P0421NL P0 |
Designed for DC/DC converters, Wide variety of inductor sizes and current ratings available Solutions based on impedance, size and current, Designed for DC/DC converters, Dielectric strength: 1000VRMS
|
Pulse A Technitrol Company
|
TC1029EUA TC1029 TC1029EOA TC1029EPA |
The TC1029 is a dual, CMOS operational amplifier designed for low-power applications. It is designed specifically for operation from ... The TC1029 is a dual, CMOS operational amplifier designed for low-power applications. It is designed specifically for operation from a single supply, however, operation from dual supplies is also possible, and the power supply current drai Linear Building Block - Dual Low Power Op Amp
|
MICROCHIP[Microchip Technology]
|
216400P 216.630P 216.400P 216.800P 216.160P 216.31 |
5 x 20 mm Fast-Acting Fuse Designed to International Standards for use globally Designed to International Standards for use globally
|
Littelfuse
|
1240P500R00JKB 1240W500R00JKB 1240X500R00JKB 1240W |
Bulk Metal? Foil Technology Precision Trimming Potentiometers, 1/4 Inch Square, RJ26 Style, Designed to Bulk Metal庐 Foil Technology Precision Trimming Potentiometers, 1/4 Inch Square, RJ26 Style, Designed to Bulk Metal垄莽 Foil Technology Precision Trimming Potentiometers, 1/4 Inch Square, RJ26 Style, Designed to Bulk Metal㈢ Foil Technology Precision Trimming Potentiometers, 1/4 Inch Square, RJ26 Style, Designed to
|
Vishay Siliconix
|
PBP-3201 PBP-3201-22 PBP-3202-22 PBP-3203-22 PBP-3 |
Equipment Designed to Conform EMI Regulations Such As VCCICISPRFCCVDEetc EQUIPMENT DESIGNED TO CONFORM EMI REGULATIONS SUCH AS VCCI,CISPR,FCC,VDE,ETC Equipment Designed to Conform EMI Regulations Such As VCCI/CISPR/FCC/VDE/etc KPT 10C 10#20 PIN PLUG KPTC 10C 10#20 SKT PLUG KPTC 6C 6#20 SKT PLUG KPTC 8C 8#20 PIN PLUG
|
http:// LAMBDA[DENSEI-LAMBDA]
|
HFBR-2505C HFBR-1505A HFBR-2505A HFBR-1505C HFBR-1 |
HFBR-2515B · Fiber Optic Receiver for PROFIBUS Applications HFBR-1515B · Fiber Optic Transmitter for PROFIBUS Applications HFBR-0539 · Evaluation Kit designed for PROFIBUS applications that operate up to 12MBd HFBR-2505A · Fiber Optic Receiver for SERCOS Applications HFBR-1505A · Fiber Optic Transmitter for SERCOS Applications HFBR-0540 · Evaluation Kit designed for SERCOS applications that operate up to 10MBd HFBR-2505C · Fiber Optic Receiver for INTERBUS-S Applications HFBR-1505C · Fiber Optic Transmitter for INTERBUS-S Applications HFBR-0538 · Evaluation Kit designed for INTERBUS-S applications that operate at 500kB and 2MBd Fiber Optic Transmitters and Receivers for SERCOS, PROFIBUS and INTERBUS-S Applications Fiber Optic Receiver for INTERBUS-S Applications Fiber Optic Transmitter for INTERBUS-S Applications Evaluation Kit designed for PROFIBUS applications that operate up to 12MBd 评估板用于PROFIBUS的应用而设计,经营2MBd Fiber Optic Transmitter for INTERBUS-S Applications 光纤变送器的INTERBUS - S应用
|
http:// Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] Coilcraft, Inc. Avago Technologies, Ltd.
|
7344-V2T3-ASVA 7344/V2T3-ASVA |
Specially designed for applications
|
Everlight Electronics Co., Ltd
|
7343_Y5C2-AQTBMS 7343-Y5C2-AQTB 7343/Y5C2-AQTB 734 |
Specially designed for applications
|
Everlight Electronics Co., Ltd
|